Part Number Hot Search : 
15NK50 DCX100NS TLSU100 CD2003GP 36000 PE4267 A5800286 NTE7058
Product Description
Full Text Search
 

To Download 15KE180C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE SERIES
GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS FEATURES
Glass passivate chip low leakage Uni and bidirectional unit Excellent clamping capability Plastic material has UL recognition 94V-0 Fast response time
.
REVERSE VOLTAGE - 6.8 to 440 Volts POWER DISSIPATION - 1500 Watts DO- 27
.052(1.3) DIA. .048(1.2) 1.0(25.4) MIN
.375(9.5) .335(8.5)
210
MECHANICAL DATA
Case : Molded Plastic Marking : Unidirectional -type number and cathode band
.220(5.6) DIA. .197(5.0) 1.0(25.4) MIN
Bidirectional-type number only
Weight :1.2 grams
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Peak Power Dissipation at TA=25 TP=1ms (NOTE1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75 Lead Lengths 0.375"(9.5mm),See Fig. 4 Maximum Instantaneous Forward Voltage at 50A for Unidirectional Devices Only (NOTE2) Operating Temperature Range Storage Temperature Range
SYMBOL PPK
VALUE Minimum 1500
UNIT WATTS
IFSM
200
AMPS
PM(AV) VF TJ TSTG
5.0 See NOTE 3 -55 to + 150 -55 to + 175
WATTS VOLTS
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25 per Fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). 3. VF=3.5V on 1.5KE6.8 thru 1.5KE200A devices and VF=5.0V on 1.5KE1100 thru 1.5KE400A devices.
~ 203 ~
RATING AND CHARACTERTIC CURVES 1.5KE SERIES
FIG.1-PULSE DERATING CURVE PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT 100
10*1000 WAVEFORM AS DEFINED BY R.E.A
FIG.2-TYPICAL JUNCTION CAPACITANCE 10000 CAPACITANCE PF
75
1000
TJ=25
50
100
25 0 0 25 50 75 100 125 150 175 200
MEASURED AT STAND-OFF VOLTAGE
10 1 4 10 100 1000 TA AMBIENT TEMPERATURE,
REVERSE VOLTAGE,VOLTS
100
PM(AV), STEADY STATE POWER DISSIPATION (W)
FIG.3-PULSE RATING CURVE
FIG.4-STEADY STATE POWER DERATING CURVE 5
PP, PEAK POWER (KW)
4 3
10
2 1
60Hz RESISTIVE OR INDUCTIVE LOAD
1.0
TA=25, NON-REPETIVE PULSE WAVE FORM SHOWN IN FIG.5
0.1 0.1us 1.0us 10us 100us 1.0ms 10ms
0
25
50
75
100
125
150
175
200
TP, PULSE WIDTH
TL, LEAD TEMPERATURE
FIG.5 -PULSE WAVEFORM
TR=10us
IP PEAK PULSE CURRENT, %
100
Peak value(IRSM) Half value = IRSM 2 Pulse with (Tp) is defined as that point where the peak current decays to 50% of IRSM
50
TJ=25 10*1000 waveform as defined by R.E.A
TP
0 0 1.0 2.0 T, TIME (ms) 3.0 4.0
~ 204 ~
1.5KE SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.40 47.80 Min(V) 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 Breakdown Voltage BV Lolts@lt Max(V) 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 It(mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Max. Reverse Leakage IR(uA) 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Max. Clamping Voltage Vc(V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 Max. Peak Pulse Ipp(A) 139.0 143.0 128.0 132.0 120.0 124.0 109.0 112.0 100.0 103.0 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 Max. Voltage Temp. %/ 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
(UNI) 1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A 1.5KE56 1.5KE56A
(BI) 1.5KE6.8C 1.5KE6.8CA 1.5KE7.5C 1.5KE7.5CA 1.5KE8.2C 1.5KE8.2CA 1.5KE9.1C 1.5KE9.1CA 1.5KE10C 1.5KE10CA 1.5KE11C 1.5KE11CA 1.5KE12C 1.5KE12CA 1.5KE13C 1.5KE13CA 1.5KE15C 1.5KE15CA 1.5KE16C 1.5KE16CA 1.5KE18C 1.5KE18CA 1.5KE20C 1.5KE20CA 1.5KE22C 1.5KE22CA 1.5KE24C 1.5KE24CA 1.5KE27C 1.5KE27CA 1.5KE30C 1.5KE30CA 1.5KE33C 1.5KE33CA 1.5KE36C 1.5KE36CA 1.5KE39C 1.5KE39CA 1.5KE43C 1.5KE43CA 1.5KE47C 1.5KE47CA 1.5KE51C 1.5KE51CA 1.5KE56C 1.5KE56CA
~ 205 ~
1.5KE SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 50.2 53.0 55.1 58.1 60.7 64.7 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 324.0 342.0 Min(V) 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0 225.0 237.0 270.0 285.0 315.0 332.0 360.0 380.0 Breakdown Voltage BV Lolts@lt Max(V) 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0 275.0 263.0 330.0 315.0 385.0 368.0 440.0 420.0 It(mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Max. Reverse Leakage IR(uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Max. Clamping Voltage Vc(V) 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.4 430.0 414.0 504.0 482.0 574.0 548.0 Max. Peak Pulse Ipp(A) 16.90 17.70 15.30 16.30 13.90 14.60 12.70 13.30 11.40 12.00 10.40 11.00 9.50 9.90 8.70 9.10 8.00 8.40 7.00 7.20 6.50 6.80 6.20 6.40 5.80 6.10 5.20 5.50 4.30 4.60 5.00 5.00 5.00 5.00 4.00 4.00 4.00 4.00 Max. Voltage Temp. %/ 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
(UNI) 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A
(BI) 1.5KE62C 1.5KE62CA 1.5KE68C 1.5KE68CA 1.5KE75C 1.5KE75CA 1.5KE82C 1.5KE82CA 1.5KE91C 1.5KE91CA 1.5KE100C 1.5KE100CA 1.5KE110C 1.5KE110CA 1.5KE120C 1.5KE120CA 1.5KE130C 1.5KE130CA 1.5KE150C 1.5KE150CA 1.5KE160C 1.5KE160CA 1.5KE170C 1.5KE170CA 1.5KE180C 1.5KE180CA 1.5KE200C 1.5KE200CA 1.5KE220C 1.5KE220CA 1.5KE250C 1.5KE250CA 1.5KE300C 1.5KE300CA 1.5KE350C 1.5KE350CA 1.5KE400C 1.5KE400CA
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive . 1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
~ 206 ~


▲Up To Search▲   

 
Price & Availability of 15KE180C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X